Part Number Hot Search : 
12582I MAX15026 OH3013U 10300 3DT12D 74F835 HCPLT251 MJE13007
Product Description
Full Text Search
 

To Download CY7C1363C-133BZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9-mbit ( 256k x 36/512k x 18 ) flow-throu g h sram cy7c1361c cy7c1363c cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05541 rev. *f revised september 14, 2006 features ? supports 100, 133-mhz bus operations ? supports 100-mhz bus operations (automotive) ? 256k 36/512k 18 common i/o ? 3.3v ?5% and +10% core power supply (v dd ) ? 2.5v or 3.3v i/o power supply (v ddq ) ? fast clock-to-output times ? 6.5 ns (133-mhz version) ? provide high-performance 2-1-1-1 access rate ? user-selectable burst counter supporting intel ? pentium ? interleaved or linear burst sequences ? separate processor and controller address strobes ? synchronous self-timed write ? asynchronous output enable ? available in lead-free 100-pin tqfp package, lead-free and non lead-free 119-ball bga package and 165-ball fbga package ? tqfp available with 3-chip enable and 2-chip enable ? ieee 1149.1 jtag-compatible boundary scan ??zz? sleep mode option functional description [1] the cy7c1361c/cy7c1363c is a 3.3v, 256k x 36/512k x 18 synchronous flow-through srams, respectively designed to interface with high-speed micr oprocessors with minimum glue logic. maximum access delay from clock rise is 6.5 ns (133-mhz version). a 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access. all synchronous inputs are gated by registers controlled by a positive-edge-triggered clock input (clk). the synchronous inputs include all addresses, all data inputs, address-pipelining chip enable (ce 1 ), depth-expansion chip enables (ce 2 and ce 3 [2] ), burst control inputs (adsc , adsp , and adv ), write enables (bw x , and bwe ), and global write (gw ). asynchronous inputs include the output enable (oe ) and the zz pin. the cy7c1361c/cy7c1363c allows either interleaved or linear burst sequences, selected by the mode input pin. a high selects an interleaved burst sequence, while a low selects a linear burst sequence. burst accesses can be initiated with the proces sor address strobe (adsp ) or the cache controller address strobe (adsc ) inputs. address advancement is controlled by the address advancement (adv ) input. addresses and chip enables are registered at rising edge of clock when either address strobe processor (adsp ) or address strobe controller (adsc ) are active. subsequent burst addresses can be internally generated as controlled by the advance pin (adv ). the cy7c1361c/cy7c1363c operates from a +3.3v core power supply while all outputs may operate with either a +2.5 or +3.3v supply. all inputs and outputs are jedec-standard jesd8-5-compatible. selection guide 133 mhz 100 mhz unit maximum access time 6.5 8.5 ns maximum operating current 250 180 ma maximum cmos standby current comm/ind?l 40 40 ma automotive 60 ma notes: 1. for best-practices recommendations, please refer to the cypress application note system design guidelines on www.cypress.com. 2. ce 3 is for a version of tqfp (3 chip enable option) and 165 fbga package only. 119 bga is offered only in 2 chip enable. [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 2 of 31 address register burst counter and logic clr q1 q0 enable register sense amps output buffers input registers memory array mode a [1:0] zz dq s dqp a dqp b dqp c dqp d a 0, a1, a adv clk adsp adsc bw d bw c bw b bw a bwe ce1 ce2 ce3 oe gw sleep control dq a , dqp a byte write register dq b , dqp b byte write register dq c , dqp c byte write register byte write register dq d , dqp d byte write register dq d , dqp d byte write register dq c , dqp c byte write register dq b , dqp b byte write register dq a , dqp a byte write register logic block diagram ? cy7c1361c (256k x 36) address register adv clk burst counter and logic clr q1 q0 adsc ce 1 oe sense amps memory array adsp output buffers input registers mode ce 2 ce 3 gw bwe a 0,a1,a bw b bw a dq b ,dqp b write register dq a ,dqp a write register enable register a[1:0] dqs dqp a dqp b dq b ,dqp b write driver dq a ,dqp a write driver sleep control zz logic block diagram ? cy7c1363c (512k x 18) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 3 of 31 pin configurations a a a a a 1 a 0 nc nc v ss v dd nc a a a a a a a a dqp b dq b dq b v ddq v ssq dq b dq b dq b dq b v ssq v ddq dq b dq b v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a dq a dq a v ssq v ddq dq a dq a dqp a dqp c dq c dq c v ddq v ssq dq c dq c dq c dq c v ssq v ddq dq c dq c v dd nc v ss dq d dq d v ddq v ssq dq d dq d dq d dq d v ssq v ddq dq d dq d dqp d a a ce 1 ce 2 bw d bw c bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1361c (256k x 36) v ss /dnu a a a a a 1 a 0 nc nc v ss v dd nc a a a a a a a a a nc nc v ddq v ssq nc dqp a dq a dq a v ssq v ddq dq a dq a v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a nc nc v ssq v ddq nc nc nc nc nc nc v ddq v ssq nc nc dq b dq b v ssq v ddq dq b dq b v dd nc v ss dq b dq b v ddq v ssq dq b dq b dqp b nc v ssq v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a ce 3 v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1363c (512k x 18) v ss /dnu 100-pin tqfp pinout (3 chip enables) (a version) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 4 of 31 pin configurations (continued) a a a a a 1 a 0 nc nc v ss v dd nc nc a a a a a a a dqp b dq b dq b v ddq v ssq dq b dq b dq b dq b v ssq v ddq dq b dq b v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a dq a dq a v ssq v ddq dq a dq a dqp a dqp c dq c dq c v ddq v ssq dq c dq c dq c dq c v ssq v ddq dq c dq c v dd nc v ss dq d dq d v ddq v ssq dq d dq d dq d dq d v ssq v ddq dq d dq d dqp d a a ce 1 ce 2 bw d bw c bw b bw a a v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1361c (256k x 36) v ss /dnu a a a a a 1 a 0 nc nc v ss v dd a a a a a a a a nc nc v ddq v ssq nc dqp a dq a dq a v ssq v ddq dq a dq a v ss nc v dd zz dq a dq a v ddq v ssq dq a dq a nc nc v ssq v ddq nc nc nc nc nc nc v ddq v ssq nc nc dq b dq b v ssq v ddq dq b dq b v dd nc v ss dq b dq b v ddq v ssq dq b dq b dqp b nc v ssq v ddq nc nc nc a a ce 1 ce 2 nc nc bw b bw a a v dd v ss clk gw bwe oe adsc adsp adv a a 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 mode cy7c1363c (512k x 18) v ss /dnu nc nc 100-pin tqfp pinout (2 chip enables) (aj version) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 5 of 31 pin configurations (continued) 234567 1 a b c d e f g h j k l m n p r t u v ddq nc/288m nc/144m dqp c dq c dq d dq c dq d aa aa adsp v ddq ce 2 a dq c v ddq dq c v ddq v ddq v ddq dq d dq d nc nc v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/512m nc/1g nc nc tdo tck tdi tms nc/36m nc/72m nc v ddq v ddq v ddq aaa a a a a a a a a a0 a1 dq a dq c dq a dq a dq a dq b dq b dq b dq b dq b dq b dq b dq a dq a dq a dq a dq b v dd dq c dq c dq c v dd dq d dq d dq d dq d adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss dqp a mode dqp d dqp b bw b bw c nc v dd nc bw a nc bwe bw d zz 2 34567 1 a b c d e f g h j k l m n p r t u v ddq nc/288m nc/144m nc dq b dq b dq b dq b aa aa adsp v ddq ce 2 a nc v ddq nc v ddq v ddq v ddq nc nc nc nc/72m v ddq v dd clk v dd v ss v ss v ss v ss v ss v ss v ss v ss nc/512m nc/1g nc nc tdo tck tdi tms a a nc v ddq v ddq v ddq a nc/36m a a a a a a a a a a0 a1 dq a dq b nc nc dq a nc dq a dq a nc nc dq a nc dq a nc dq a nc dq a v dd nc dq b nc v dd dq b nc dq b nc adsc nc ce 1 oe adv gw v ss v ss v ss v ss v ss v ss v ss v ss nc mode dqp b dqp a v ss bw b nc v dd nc bw a nc bwe v ss zz cy7c1363c (512k x 18) cy7c1361c (256k x 36) 119-ball bga pinout (2 chip enables with jtag) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 6 of 31 pin configurations (continued) 165-ball fbga pinout (3 chip enable) cy7c1361c (256k x 36) 234 567 1 a b c d e f g h j k l m n p r tdo nc/288m nc/144m dqp c dq c dqp d nc dq d ce 1 bw b ce 3 bw c bwe a ce 2 dq c dq d dq d mode nc dq c dq c dq d dq d dq d nc/36m nc/72m v ddq bw d bw a clk gw v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck v ss tdi a a dq c v ss dq c v ss dq c dq c v ss v ss v ss v ss v ss nc v ss a1 dq d dq d nc nc v ddq v ss tms 891011 a adv a adsc nc oe adsp a nc/576m v ss v ddq nc/1g dqp b v ddq v dd dq b dq b dq b nc dq b nc dq a dq a v dd v ddq v dd v ddq dq b v dd nc v dd dq a v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq dq a v ddq a a v ss a a a dq b dq b dq b zz dq a dq a dqp a dq a a v ddq a cy7c1363c (512k x 18) a0 a v ss 234 567 1 a b c d e f g h j k l m n p r tdo nc/288m nc/144m nc nc dqp b v ss dq b ace 1 nc ce 3 bw b bwe a ce 2 nc dq b dq b mode nc dq b dq b nc nc nc nc/36m nc/72m v ddq nc bw a clk gw v ss v ss v ss v ss v ddq v ss v dd v ss v ss v ss nc/18m v ss v ss v ss v ss v ddq v ddq nc v ddq v ddq v ddq v ddq a a v dd v ss v dd v ss v ss v ddq v dd v ss v dd v ss v dd v ss v ss v ss v dd v dd v ss v dd v ss v ss nc tck a0 v ss tdi a a dq b v ss nc v ss dq b nc v ss v ss v ss v ss v ss nc v ss a1 dq b nc nc nc v ddq v ss tms 891011 a adv a adsc a oe adsp a nc/576m v ss v ddq nc/1g dqp a v ddq v dd nc dq a dq a nc nc nc dq a nc v dd v ddq v dd v ddq dq a v dd nc v dd nc v dd v ddq dq a v ddq v dd v dd v ddq v dd v ddq nc v ddq a a v ss a a a dq a nc nc zz dq a nc nc dq a a v ddq a nc/18m [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 7 of 31 pin definitions name i/o description a 0 , a 1 , a input- synchronous address inputs used to select one of the address location s. sampled at the rising edge of the clk if adsp or adsc is active low, and ce 1 , ce 2 , and ce 3 [2] are sampled active. a [1:0] feed the 2-bit counter. bw a ,bw b bw c ,bw d input- synchronous byte write select inputs, active low . qualified with bwe to conduct byte writes to the sram. sampled on the rising edge of clk. gw input- synchronous global write enable input, active low . when asserted low on the rising edge of clk, a global write is conducted (all bytes are written, regardless of the values on bw x and bwe ). clk input- clock clock input . used to capture all synchronous inputs to the device. also used to increment the burst counter when adv is asserted low, during a burst operation. ce 1 input- synchronous chip enable 1 input, active low . sampled on the rising edge of clk. used in conjunction with ce 2 and ce 3 [2] to select/deselect the device. adsp is ignored if ce 1 is high. ce 1 is sampled only when a new external address is loaded. ce 2 input- synchronous chip enable 2 input, active high . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 3 [2] to select/deselect the device. ce 2 is sampled only when a new external address is loaded. ce 3 [2] input- synchronous chip enable 3 input, active low . sampled on the rising edge of clk. used in conjunction with ce 1 and ce 2 to select/deselect the device.ce 3 is sampled only when a new external address is loaded. oe input- asynchronous output enable, asynchronous input, active low . controls the direction of the i/o pins. when low, the i/o pins behave as outp uts. when deasserted high, i/o pins are tri-stated, and act as input data pins. oe is masked during the first clock of a read cycle when emerging from a deselected state. adv input- synchronous advance input signal, sampled on the rising edge of clk . when asserted, it automat- ically increments the address in a burst cycle. adsp input- synchronous address strobe from processor, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a [1:0] are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. asdp is ignored when ce 1 is deasserted high. adsc input- synchronous address strobe from controller, sampled on the rising edge of clk, active low . when asserted low, addresses presented to the device are captured in the address registers. a [1:0] are also loaded into the burst counter. when adsp and adsc are both asserted, only adsp is recognized. bwe input- synchronous byte write enable input, active low . sampled on the rising edge of clk. this signal must be asserted low to conduct a byte write. zz input- asynchronous zz ?sleep? input, active high . when asserted high places the device in a non-time-critical ?sleep? condition with data integrity preserved. for normal operation, this pin has to be low or left floating. zz pin has an internal pull-down. dq s i/o- synchronous bidirectional data i/o lines . as inputs, they feed into an on-chip data register that is triggered by the rising edge of clk. as out puts, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. the direction of the pins is controlled by oe . when oe is asserted low, the pins behave as outputs. when high, dq s and dqp x are placed in a tri-state condition.the outputs are auto matically tri-stated during the data portion of a write sequence, during the first clock when emer ging from a deselected state, and when the device is deselected, regardless of the state of oe . dqp x i/o- synchronous bidirectional data parity i/o lines . functionally, these signals are identical to dq s . during write sequences, dqp x is controlled by bw x correspondingly. mode input- static selects burst order . when tied to gnd selects linear burst sequence. when tied to v dd or left floating selects interleaved burst sequence. this is a strap pin and should remain static during device operation. mode pin has an internal pull-up. v dd power supply power supply inputs to the core of the device . v ddq i/o power supply power supply for the i/o circuitry . [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 8 of 31 v ss ground ground for the core of the device . v ssq i/o ground ground for the i/o circuitry . tdo jtag serial output synchronous serial data-out to the jtag circuit . delivers data on the negative edge of tck. if the jtag feature is not being utilized, this pin sh ould be left unconnected. this pin is not available on tqfp packages. tdi jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if the jtag feature is not being utilized, this pin can be left floating or connected to v dd through a pull up resistor. this pin is not available on tqfp packages. tms jtag serial input synchronous serial data-in to the jtag circuit . sampled on the rising edge of tck. if the jtag feature is not being utilized, this pin can be disconnected or connected to v dd . this pin is not available on tqfp packages. tck jtag- clock clock input to th e jtag circuitry . if the jtag feature is not being utilized, this pin must be connected to v ss . this pin is not available on tqfp packages. nc ? no connects . not internally connected to the die. 18m, 36m, 72m, 144m, 288m, 576m and 1g are address expansion pins and ar e not internally connected to the die. v ss /dnu ground/dnu this pin can be connected to ground or should be left floating. pin definitions (continued) name i/o description [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 9 of 31 functional overview all synchronous inputs pass through input registers controlled by the rising edge of the clock. maximum access delay from the clock rise (t cdv ) is 6.5 ns (133-mhz device). the cy7c1361c/cy7c1363c supports secondary cache in systems utilizing either a linear or interleaved burst sequence. the interleaved burst order supports pentium and i486? processors. the linear burst sequence is suited for processors that utilize a linear burst s equence. the burst order is user-selectable, and is determined by sampling the mode input. accesses can be initiated with either the processor address strobe (adsp ) or the controller address strobe (adsc ). address advancement th rough the burst sequence is controlled by the adv input. a two-bit on-chip wraparound burst counter captures the firs t address in a burst sequence and automatically increments the address for the rest of the burst access. byte write operations are qualif ied with the byte write enable (bwe ) and byte write select (bw x ) inputs. a global write enable (gw ) overrides all byte write inputs and writes data to all four bytes. all writes are simplified with on-chip synchronous self-timed write circuitry. three synchronous chip selects (ce 1 , ce 2 , ce 3 [2] ) and an asynchronous output enable (oe ) provide for easy bank selection and output tri-state control. adsp is ignored if ce 1 is high. single read accesses a single read access is initiated when the following conditions are satisfied at clock rise: (1) ce 1 , ce 2 , and ce 3 [2] are all asserted active, and (2) adsp or adsc is asserted low (if the access is initiated by adsc , the write inputs must be deasserted during this first cycle). the address presented to the address inputs is latched into the address register and the burst counter/control logic and presented to the memory core. if the oe input is asserted low, the requested data will be available at the data outputs a maximum to t cdv after clock rise. adsp is ignored if ce 1 is high. single write accesses initiated by adsp this access is initiated when the following conditions are satisfied at cl ock rise: (1) ce 1 , ce 2 , ce 3 [2] are all asserted active, and (2) adsp is asserted low. the addresses presented are loaded into the address register and the burst inputs (gw , bwe , and bw x )are ignored during this first clock cycle. if the write inputs are as serted active (see write cycle descriptions table for appropriate states that indicate a write) on the next clock rise, the appropriate data will be latched and written into the device.byte writes are allowed. all i/os are tri-stated during a byte write.since this is a common i/o device, the asynchronous oe input signal must be deasserted and the i/os must be tri-stated prior to the presentation of data to dqs. as a safety precaution, the data lines are tri-stated once a write cycle is detected, re gardless of the state of oe. single write accesses initiated by adsc this write access is initiated when the following conditions are satisfied at clock rise: (1) ce 1 , ce 2 , and ce 3 [2] are all asserted active, (2) adsc is asserted low, (3) adsp is deasserted high, and (4) the write input signals (gw , bwe , and bw x ) indicate a write access. adsc is ignored if adsp is active low. the addresses presented are loaded into the address register and the burst counter/control logic and delivered to the memory core. the information presented to dq [a:d] will be written into the specified address location. byte writes are allowed. all i/os are tri-stated when a write is detected, even a byte write. since this is a common i/o device, the asynchronous oe input signal must be deasserted and the i/os must be tri-stated prior to the presentation of data to dq s . as a safety precaution, the data lines are tri-stated once a write cycle is detected, regardle ss of the state of oe . burst sequences the cy7c1361c/cy7c1363c provides an on-chip two-bit wraparound burst counter inside the sram. the burst counter is fed by a [1:0] , and can follow either a linear or interleaved burst order. the burst order is determined by the state of the mode input. a low on mode will select a linear burst sequence. a high on mode will select an interleaved burst order. leaving mode unconnect ed will cause the device to default to a interleaved burst sequence. sleep mode the zz input pin is an asynchronous input. asserting zz places the sram in a power conservation ?sleep? mode. two clock cycles are required to enter into or exit from this ?sleep? mode. while in this mode, data integrity is guaranteed. accesses pending when entering the ?sleep? mode are not considered valid nor is the completion of the operation guaranteed. the device must be deselected prior to entering the ?sleep? mode. ce 1 , ce 2 , ce 3 [2] , adsp , and adsc must remain inactive for the duration of t zzrec after the zz input returns low. interleaved burst address table (mode = floating or v dd ) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = gnd) first address a1: a0 second address a1: a0 third address a1: a0 fourth address a1: a0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 10 of 31 zz mode electrical characteristics parameter description test conditions min. max. unit i ddzz sleep mode standby current zz > v dd ? 0.2v comm/ind?l 50 ma automotive 60 ma t zzs device operation to zz zz > v dd ? 0.2v 2t cyc ns t zzrec zz recovery time zz < 0.2v 2t cyc ns t zzi zz active to sleep current th is parameter is sampled 2t cyc ns t rzzi zz inactive to exit sleep current this parameter is sampled 0 ns truth table [3, 4, 5, 6, 7] cycle description address used ce 1 ce 2 ce 3 zz adsp adsc adv write oe clk dq deselected cycle, power-down none h x x l x l x x x l-h tri-state deselected cycle, power-down none l l x l l x x x x l-h tri-state deselected cycle, power-down none l x h l l x x x x l-h tri-state deselected cycle, power-down none l l x l h l x x x l-h tri-state deselected cycle, power-down none x x x l h l x x x l-h tri-state sleep mode, power-down none x x x h x x x x x x tri-state read cycle, begin burst external l h l l l x x x l l-h q read cycle, begin burst external l h l l l x x x h l-h tri-state write cycle, begin burst external l h l l h l x l x l-h d read cycle, begin burst external l h l l h l x h l l-h q read cycle, begin burst external l h l l h l x h h l-h tri-state read cycle, continue burst next x x x l h h l h l l-h q read cycle, continue burst next x x x l h h l h h l-h tri-state read cycle, continue burst next h x x l x h l h l l-h q read cycle, continue burst next h x x l x h l h h l-h tri-state write cycle, continue burst next x x x l h h l l x l-h d write cycle, continue burst next h x x l x h l l x l-h d read cycle, suspend burst current x x x l h h h h l l-h q read cycle, suspend burst current x x x l h h h h h l-h tri-state read cycle, suspend burst current h x x l x h h h l l-h q read cycle, suspend burst current h x x l x h h h h l-h tri-state write cycle, suspend burst current x x x l h h h l x l-h d write cycle, suspend burst current h x x l x h h l x l-h d notes: 3. x=?don't care.? h = logic high, l = logic low. 4. write = l when any one or more byte write enable signals and bwe = l or gw = l. write = h when all byte write enable signals, bwe , gw = h. 5. the dq pins are controlled by the current cycle and the oe signal. oe is asynchronous and is not sampled with the clock. 6. the sram always initiates a read cycle when adsp is asserted, regardless of the state of gw , bwe , or bw x . writes may occur only on subsequent clocks after the adsp or with the assertion of adsc . as a result, oe must be driven high prior to the start of the write cycle to allow the outputs to tri-state. oe is a don't care for the remainder of the write cycle. 7. oe is asynchronous and is not sampled with t he clock rise. it is masked internally during write cycles. during a read cycle all d ata bits are tri-state when oe is inactive or when the device is deselect ed, and all data bits behave as output when oe is active (low). [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 11 of 31 partial truth table for read/write [3, 8] function (cy7c1361c) gw bwe bw d bw c bw b bw a read h h x x x x read hlhhhh write byte (a, dqp a )hlhhhl write byte (b, dqp b )hlhhlh write bytes (b, a, dqp a , dqp b )hlhhll write byte (c, dqp c ) hlhlhh write bytes (c, a, dqp c , dqp a ) hlhlhl write bytes (c, b, dqp c , dqp b )hlhllh write bytes (c, b, a, dqp c , dqp b , dqp a )hlhlll write byte (d, dqp d )hllhhh write bytes (d, a, dqp d , dqp a )hllhhl write bytes (d, b, dqp d , dqp a )hllhlh write bytes (d, b, a, dqp d , dqp b , dqp a )h l l h l l write bytes (d, b, dqp d , dqp b )hlllhh write bytes (d, b, a, dqp d , dqp c , dqp a )h l l l h l write bytes (d, c, a, dqp d , dqp b , dqp a )hllllh write all bytes hlllll write all bytes l x x x x x truth table for read/write [3, 8] function (cy7c1363c) gw bwe bw b bw a read h h x x read h l h h write byte a ? (dq a and dqp a )hlhl write byte b ? (dq b and dqp b )hllh write all bytes h l l l write all bytes l x x x note: 8. table only lists a partial listing of the byte write combinations. any combination of bw x is valid appropriate write will be done based on which byte write is active. [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 12 of 31 ieee 1149.1 serial boundary scan (jtag) the cy7c1361c/cy7c1363c incorporates a serial boundary scan test access port (tap) in the bga package only. the tqfp package does not offer this functionality. this part operates in accordance with ieee standard 1149.1-1900, but doesn?t have the set of functions required for full 1149.1 compliance. these functions fr om the ieee specification are excluded because their inclusion places an added delay in the critical speed path of the sram. note the tap controller functions in a manner that does not conflict with the operation of other devices using 1149.1 fully compliant taps. the tap operates using jedec-standard 3. 3v or 2.5v i/o logic levels. the cy7c1361c/cy7c1363c contains a tap controller, instruction register, boundary sc an register, bypass register, and id register. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap controller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are inter- nally pulled up and may be unconnected. they may alternately be connected to v dd through a pull-up resistor. tdo should be left unconnected. upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. tap controller state diagram the 0/1 next to each state repr esents the value of tms at the rising edge of tck. test access port (tap) test clock (tck) the test clock is used only with the tap controller. all inputs are captured on the rising edge of tck. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. it is allowable to leave this ball unconnected if the tap is not used. the ball is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi ball is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. tdi is internally pulled up and can be unconnected if the tap is unused in an application. tdi is connected to the most signif- icant bit (msb) of any regist er. (see tap controller block diagram.) test data-out (tdo) the tdo output ball is used to serially clock data-out from the registers. the output is active depending upon the current state of the tap state machine. the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. (see tap controller state diagram.) tap controller block diagram performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and may be performed while the sram is operating. at power-up, the tap is reset internally to ensure that tdo comes up in a high-z state. tap registers registers are connected between the tdi and tdo balls and allow data to be scanned into and out of the sram test circuitry. only one register can be selected at a time through the instruction register. data is serially loaded into the tdi ball on the rising edge of tck. data is output on the tdo ball on the falling edge of tck. instruction register three-bit instructions can be seri ally loaded into the instruction register. this register is loaded when it is placed between the test-logic reset run-test/ idle select dr-scan select ir-scan capture-dr shift-dr capture-ir shift-ir exit1-dr pause-dr exit1-ir pause-ir exit2-dr update-dr exit2-ir update-ir 1 1 1 0 1 1 0 0 1 1 1 0 0 0 0 0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0 bypass register 0 instruction register 0 1 2 identification register 0 1 2 29 30 31 . . . boundary scan register 0 1 2 . . x . . . s election circuitr y selection circuitry tck t ms tap controller tdi td o [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 13 of 31 tdi and tdo balls as shown in the tap controller block diagram. upon power-up, the instruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is placed in a reset state as described in the previous section. when the tap controller is in the capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board-level serial test data path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between the tdi and tdo balls. this allows data to be shifted through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all the input and bidirectional balls on the sram. the boundary scan register is lo aded with the contents of the ram i/o ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo balls when the controller is moved to the shift-dr state. the extest, sample/preload and sample z instructions can be used to capture the contents of the i/o ring. the boundary scan order tables show the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction regi ster. the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id register has a vendor code and other information described in the identification register definitions table. tap instruction set overview eight different instructions are possible with the three-bit instruction register. all combinations are listed in the instruction codes table. three of these instructions are listed as reserved and should not be used. the other five instruc- tions are described in detail below. the tap controller used in this sram is not fully compliant to the 1149.1 convention because some of the mandatory 1149.1 instructions are not fully implemented. the tap controller cannot be used to load address data or control signals into the sram and cannot preload the i/o buffers. the sram does not implement the 1149.1 commands extest or intest or the preload portion of sample/preload; rather, it per forms a capture of the i/o ring when these instructions are executed. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo balls. to execute the instruction once it is shifted in, the tap controller needs to be moved into the update-ir state. extest extest is a mandatory 1149.1 instruction which is to be executed whenever the instructi on register is loaded with all 0s. extest is not implemented in this sram tap controller, and therefore this device is not compliant to 1149.1. the tap controller does recognize an all-0 instruction. when an extest instruction is loaded into the instruction register, the sram responds as if a sample/preload instruction has been loaded. there is one difference between the two instructions. un like the sample/preload instruction, extest places the sram outputs in a high-z state. idcode the idcode instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. it also places the instruction register between the tdi and tdo balls and allows the idcode to be shifted out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register upon power-up or whenever the tap controller is given a test logic reset state. sample z the sample z instruction causes the boundary scan register to be connected between the tdi and tdo balls when the tap controller is in a shift-dr state. it also places all sram outputs into a high-z state. sample/preload sample/preload is a 1149.1-mandatory instruction. when the sample/preload instructions are loaded into the in- struction register and the tap c ontroller is in the capture-dr state, a snapshot of data on th e inputs and output pins is cap- tured in the boundary scan register. the user must be aware that th e tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possi- ble that during the capture-dr state, an input or output will undergo a transition. the tap ma y then try to capture a signal while in transition (metastable state). this will not harm the device, but there is no guarantee as to the value that will be captured. repeatable results may not be possible. to guarantee that the boundary scan register will capture the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller's capture set-up plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a sample/p reload instruction. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck# captured in the boundary scan register. once the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the bound- ary scan register between the tdi and tdo pins. [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 14 of 31 preload allows an initial data pattern to be placed at the latched parallel outputs of the boundary scan register cells prior to the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when required?that is, while data captured is shifted out, the preloaded data can be shifted in. bypass when the bypass instruction is loaded in t he instruction register and the tap is placed in a shift-dr state, the bypass register is placed between the tdi and tdo balls. the advantage of the bypass instructio n is that it shortens the boundary scan path when multiple devices are connected together on a board. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. tap timing tap ac switching characteristics over the operating range [9, 10] parameter parameter min. max. unit clock t tcyc tck clock cycle time 50 ns t tf tck clock frequency 20 mhz t th tck clock high time 20 ns t tl tck clock low time 20 ns output times t tdov tck clock low to tdo valid 10 ns t tdox tck clock low to tdo invalid 0 ns set-up times t tmss tms set-up to tck clock rise 5 ns t tdis tdi set-up to tck clock rise 5 ns t cs capture set-up to tck rise 5 ns hold times t tmsh tms hold after tck clock rise 5 ns t tdih tdi hold after clock rise 5 ns t ch capture hold after clock rise 5 ns notes: 9. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 10. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. t tl test clock (tck) 123456 t est mode select (tms) t th test data-out (tdo) t cyc test data-in (tdi) t tmsh t tmss t tdih t tdis t tdox t tdov don?t care undefined [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 15 of 31 3.3v tap ac test conditions input pulse levels ................................................ v ss to 3.3v input rise and fall times ......... .......................................... 1 ns input timing referenc e levels ...........................................1.5v output reference levels...................................................1.5v test load termination supply vo ltage...............................1.5v 3.3v tap ac output load equivalent 2.5v tap ac test conditions input pulse levels................................................. v ss to 2.5v input rise and fall time .....................................................1 ns input timing reference levels... ...................................... 1.25v output reference levels .......... ...................................... 1.25v test load termination supply voltage ............................ 1.25v 2.5v tap ac output load equivalent t do 1.5v 20p f z = 50 ? o 50 ? t do 1.25v 20p f z = 50 ? o 50 ? tap dc electrical characteristics and operating conditions (0c < ta < +70c; vdd = 3.3v 0.165v unless otherwise noted) [11] parameter description description conditions min. max. unit v oh1 output high voltage i oh = ?4.0 ma v ddq = 3.3v 2.4 v i oh = ?1.0 ma v ddq = 2.5v 2.0 v v oh2 output high voltage i oh = ?100 a v ddq = 3.3v 2.9 v v ddq = 2.5v 2.1 v v ol1 output low voltage i ol = 8.0 ma v ddq = 3.3v 0.4 v i ol = 8.0 ma v ddq = 2.5v 0.4 v v ol2 output low voltage i ol = 100 a v ddq = 3.3v 0.2 v v ddq = 2.5v 0.2 v v ih input high voltage v ddq = 3.3v 2.0 v dd + 0.3 v v ddq = 2.5v 1.7 v dd + 0.3 v v il input low voltage v ddq = 3.3v ?0.5 0.7 v v ddq = 2.5v ?0.3 0.7 v i x input load current gnd < v in < v ddq ?5 5 a identification register definitions instruction field cy7c1361c (256k x36) cy7c1363c (512k x18) description revision number (31:29) 000 000 describes the version number. device depth (28:24) [12] 01011 01011 reserved for internal use device width (23:18) 119-bga 101001 101001 defines memory type and architecture device width (23:18) 165-fbga 000001 000001 defines memory type and architecture cypress device id (17:12) 100110 010110 defines width and density cypress jedec id code (11:1) 00000110100 00000110100 allows unique identification of sram vendor. id register presence indicator (0) 1 1 indic ates the presence of an id register. notes: 11. all voltages referenced to v ss (gnd). 12. bit #24 is ?1? in the register definitions fo r both 2.5v and 3.3v versions of this device. [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 16 of 31 scan register sizes register name bit size (x 36) bit size (x 18) instruction 3 3 bypass 1 1 id 32 32 boundary scan order (119-ball bga package) 71 71 boundary scan order (165-ball fbga package) 71 71 identification codes instruction code description extest 000 captures i/o ring contents. places the boundary scan register between tdi and tdo. forces all sram outputs to high-z state. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operations. sample z 010 captures i/o ring contents. places the boundary scan register between tdi and tdo. forces all sram output drivers to a high-z state. reserved 011 do not use: this instru ction is reserved for future use. sample/preload 100 captures i/o ring contents. plac es the boundary scan register between tdi and tdo. does not affect sram operation. reserved 101 do not use: this instru ction is reserved for future use. reserved 110 do not use: this instru ction is reserved for future use. bypass 111 places the bypass register between tdi a nd tdo. this operation does not affect sram operations. [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 17 of 31 119-ball bga boundary scan order cy7c1361c (256k x 36) cy7c1363c (512k x 18) bit # ball id signal name bit # ball id signal name bit # ball id signal name bit # ball id signal name 1 k4 clk 37 p4 a0 1 k4 clk 37 p4 a0 2h4 gw 38 n4 a1 2 h4 gw 38 n4 a1 3m4bwe 39 r6 a 3 m4 bwe 39 r6 a 4f4 oe 40 t5 a 4 f4 oe 40 t5 a 5b4adsc 41 t3 a 5 b4 adsc 41 t3 a 6a4adsp 42 r2 a 6 a4 adsp 42 r2 a 7 g4 adv 43 r3 mode 7 g4 adv 43 r3 mode 8c3 a 44 p2 dqp d 8 c3 a 44 internal internal 9b3 a 45 p1 dq d 9 b3 a 45 internal internal 10 d6 dqp b 46 l2 dq d 10 t2 a 46 internal internal 11 h7 dq b 47 k1 dq d 11 internal internal 47 internal internal 12 g6 dq b 48 n2 dq d 12 internal internal 48 p2 dqp b 13 e6 dq b 49 n1 dq d 13 internal internal 49 n1 dq b 14 d7 dq b 50 m2 dq d 14 d6 dqp a 50 m2 dq b 15 e7 dq b 51 l1 dq d 15 e7 dq a 51 l1 dq b 16 f6 dq b 52 k2 dq d 16 f6 dq a 52 k2 dq b 17 g7 dq b 53 internal internal 17 g7 dq a 53 internal internal 18 h6 dq b 54 h1 dq c 18 h6 dq a 54 h1 dq b 19 t7 zz 55 g2 dq c 19 t7 zz 55 g2 dq b 20 k7 dq a 56 e2 dq c 20 k7 dq a 56 e2 dq b 21 l6 dq a 57 d1 dq c 21 l6 dq a 57 d1 dq b 22 n6 dq a 58 h2 dq c 22 n6 dq a 58 internal internal 23 p7 dq a 59 g1 dq c 23 p7 dq a 59 internal internal 24 n7 dq a 60 f2 dq c 24 internal internal 60 internal internal 25 m6 dq a 61 e1 dq c 25 internal internal 61 internal internal 26 l7 dq a 62 d2 dqp c 26 internal internal 62 internal internal 27 k6 dq a 63 c2 a 27 internal internal 63 c2 a 28 p6 dqp a 64 a2 a 28 internal internal 64 a2 a 29 t4 a 65 e4 ce 1 29 t6 a 65 e4 ce 1 30 a3 a 66 b2 ce 2 30 a3 a 66 b2 ce 2 31 c5 a 67 l3 bw d 31 c5 a 67 internal internal 32 b5 a 68 g3 bw c 32 b5 a 68 internal internal 33 a5 a 69 g5 bw b 33 a5 a 69 g3 bw b 34 c6 a 70 l5 bw a 34 c6 a 70 l5 bw a 35 a6 a 71 internal internal 35 a6 a 71 internal internal 36 b6 a 36 b6 a [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 18 of 31 165-ball fbga boundary scan order cy7c1361c (256k x 36) cy7c1363c (512k x 18) bit # ball id signal name bit # ball id signal name bit # ball id signal name bit # ball id signal name 1 b6 clk 37 r6 a0 1 b6 clk 37 r6 a0 2b7 gw 38 p6 a1 2 b7 gw 38 p6 a1 3a7bwe 39 r4 a 3 a7 bwe 39 r4 a 4b8 oe 40 p4 a 4 b8 oe 40 p4 a 5a8adsc 41 r3 a 5 a8 adsc 41 r3 a 6b9adsp 42 p3 a 6 b9 adsp 42 p3 a 7a9adv 43 r1 mode 7 a9 adv 43 r1 mode 8b10 a 44 n1 dqp d 8 b10 a 44 internal internal 9a10 a 45 l2 dq d 9 a10 a 45 internal internal 10 c11 dqp b 46 k2 dq d 10 a11 a 46 internal internal 11 e10 dq b 47 j2 dq d 11 internal internal 47 internal internal 12 f10 dq b 48 m2 dq d 12 internal internal 48 n1 dqp b 13 g10 dq b 49 m1 dq d 13 internal internal 49 m1 dq b 14 d10 dq b 50 l1 dq d 14 c11 dqp a 50 l1 dq b 15 d11 dq b 51 k1 dq d 15 d11 dq a 51 k1 dq b 16 e11 dq b 52 j1 dq d 16 e11 dq a 52 j1 dq b 17 f11 dq b 53 internal internal 17 f11 dq a 53 internal internal 18 g11 dq b 54 g2 dq c 18 g11 dq a 54 g2 dq b 19 h11 zz 55 f2 dq c 19 h11 zz 55 f2 dq b 20 j10 dq a 56 e2 dq c 20 j10 dq a 56 e2 dq b 21 k10 dq a 57 d2 dq c 21 k10 dq a 57 d2 dq b 22 l10 dq a 58 g1 dq c 22 l10 dq a 58 internal internal 23 m10 dq a 59 f1 dq c 23 m10 dq a 59 internal internal 24 j11 dq a 60 e1 dq c 24 internal internal 60 internal internal 25 k11 dq a 61 d1 dq c 25 internal internal 61 internal internal 26 l11 dq a 62 c1 dqp c 26 internal internal 62 internal internal 27 m11 dq a 63 b2 a 27 internal internal 63 b2 a 28 n11 dqp a 64 a2 a 28 internal internal 64 a2 a 29 r11 a 65 a3 ce 1 29 r11 a 65 a3 ce 1 30 r10 a 66 b3 ce 2 30 r10 a 66 b3 ce 2 31 p10 a 67 b4 bw d 31 p10 a 67 inte rnal internal 32 r9 a 68 a4 bw c 32 r9 a 68 internal internal 33 p9 a 69 a5 bw b 33 p9 a 69 a4 bw b 34 r8 a 70 b5 bw a 34 r8 a 70 b5 bw a 35 p8 a 71 a6 ce 3 35 p8 a 71 a6 ce 3 36 p11 a 36 p11 a [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 19 of 31 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ............. .............. ..... ?65c to + 150c ambient temperature with power applied........... .............. .............. ..... ?55c to + 125c supply voltage on v dd relative to gnd....... ?0.5v to + 4.6v supply voltage on v ddq relative to gnd ..... ?0.5v to + v dd dc voltage applied to outputs in tri-state ............................................ ?0.5v to v ddq + 0.5v dc input voltage....................................?0.5v to v dd + 0.5v current into outputs (low).... ..................................... 20 ma static discharge voltage......... ........... ............ ........... >2001v (per mil-std-883, method 3015) latch-up current..................................................... >200 ma operating range range ambient temperature v dd v ddq commercial 0c to +70c 3.3v ? 5%/+10% 2.5v ? 5% to v dd industrial ?40c to +85c automotive ?40c to +125c electrical characteristics over the operating range [13, 14] parameter description test conditions min. max. unit v dd power supply voltage 3.135 3.6 v v ddq i/o supply voltage for 3.3v i/o 3.135 v dd v for 2.5v i/o 2.375 2.625 v v oh output high voltage for 3.3v i/o, i oh = ? 4.0 ma 2.4 v for 2.5v i/o, i oh = ? 1.0 ma 2.0 v v ol output low voltage for 3.3v i/o, i ol = 8.0 ma 0.4 v for 2.5v i/o, i ol = 1.0 ma 0.4 v v ih input high voltage [13] for 3.3v i/o 2.0 v dd + 0.3v v for 2.5v i/o 1.7 v dd + 0.3v v v il input low voltage [13] for 3.3v i/o ?0.3 0.8 v for 2.5v i/o ?0.3 0.7 v i x input leakage current except zz and mode gnd v i v ddq ?5 5 a input current of mode input = v ss ?30 a input = v dd 5 a input current of zz input = v ss ?5 a input = v dd 30 a i oz output leakage current gnd < v i < v ddq, output disabled ?5 5 a i dd v dd operating supply current v dd = max., i out = 0 ma, f = f max = 1/t cyc 7.5-ns cycle,133 mhz 250 ma 10-ns cycle,100 mhz 180 i sb1 automatic ce power-down current?ttl inputs max. v dd , device deselected, v in > v ih or v in < v il , f = f max, inputs switching all speeds (comm/ind?l) 110 ma 10-ns cycle,100 mhz (automotive) 150 ma i sb2 automatic ce power-down current?cmos inputs max. v dd , device deselected, v in > v dd ? 0.3v or v in < 0.3v, f = 0, inputs static all speeds 40 ma i sb3 automatic ce power-down current?cmos inputs max. v dd , device deselected, v in > v ddq ? 0.3v or v in < 0.3v, f = f max , inputs switching all speeds (comm/ind?l) 100 ma 10-ns cycle,100 mhz (automotive) 120 ma i sb4 automatic ce power-down current?ttl inputs max. v dd , device deselected, v in > v ih or v in < v il f = 0, inputs static all speeds (comm/ind?l) 40 ma 10-ns cycle,100 mhz (automotive) 60 ma notes: 13. overshoot: v ih (ac) < v dd +1.5v (pulse width less than t cyc /2), undershoot: v il (ac) > ?2v (pulse width less than t cyc /2). 14. t power-up : assumes a linear ramp from 0v to v dd (min.) within 200ms. during this time v ih < v dd and v ddq < v dd . [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 20 of 31 capacitance [15] parameter description test conditions 100 tqfp max. 119 bga max. 165 fbga max. unit c in input capacitance t a = 25 c, f = 1 mhz, v dd = 3.3v v ddq = 2.5v 555pf c clk clock input capacitance 5 5 5 pf c i/o input/output capacitance 5 7 7 pf thermal resistance [15] parameter description test conditions 100 tqfp package 119 bga package 165 fbga package unit ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, per eia/jesd51 29.41 34.1 16.8 c/w jc thermal resistance (junction to case) 6.31 14.0 3.0 c/w ac test loads and waveforms note: 15. tested initially and after any design or process change that may affect these parameters. output r = 317 ? r = 351 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.5v 3.3v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) output r = 1667 ? r = 1538 ? 5pf including jig and scope (a) (b) output r l = 50 ? z 0 = 50 ? v t = 1.25v 2.5v all input pulses v ddq gnd 90% 10% 90% 10% 1 ns 1 ns (c) 3.3v i/o test load 2.5v i/o test load [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 21 of 31 switching characteristics over the operating range [20, 21] parameter description ?133 ?100 unit min. max. min. max. t power v dd (typical) to the first access [16] 11ms clock t cyc clock cycle time 7.5 10 ns t ch clock high 3.0 4.0 ns t cl clock low 3.0 4.0 ns output times t cdv data output valid after clk rise 6.5 8.5 ns t doh data output hold after clk rise 2.0 2.0 ns t clz clock to low-z [17, 18, 19] 00ns t chz clock to high-z [17, 18, 19] 3.5 3.5 ns t oev oe low to output valid 3.5 3.5 ns t oelz oe low to output low-z [17, 18, 19] 00ns t oehz oe high to output high-z [17, 18, 19] 3.5 3.5 ns set-up times t as address set-up before clk rise 1.5 1.5 ns t ads adsp , adsc set-up before clk rise 1.5 1.5 ns t advs adv set-up before clk rise 1.5 1.5 ns t wes gw , bwe , bw [a:d] set-up before clk rise 1.5 1.5 ns t ds data input set-up before clk rise 1.5 1.5 ns t ces chip enable set-up 1.5 1.5 ns hold times t ah address hold after clk rise 0.5 0.5 ns t adh adsp , adsc hold after clk rise 0.5 0.5 ns t weh gw , bwe , bw [a:d] hold after clk rise 0.5 0.5 ns t advh adv hold after clk rise 0.5 0.5 ns t dh data input hold after clk rise 0.5 0.5 ns t ceh chip enable hold after clk rise 0.5 0.5 ns notes: 16. this part has a voltage regulator internally; t power is the time that the power needs to be supplied above v dd (minimum) initially, before a read or write operation can be initiated. 17. t chz , t clz ,t oelz , and t oehz are specified with ac test conditions shown in part (b) of ac test loads. transition is measured 200 mv from steady-state vo ltage. 18. at any given voltage and temperature, t oehz is less than t oelz and t chz is less than t clz to eliminate bus contention between srams when sharing the same data bus. these specifications do not impl y a bus contention condition, but reflect par ameters guaranteed over worst case user conditions. device is designed to achieve high-z prior to low-z under the same system conditions. 19. this parameter is sampled and not 100% tested. 20. timing reference level is 1.5v when v ddq = 3.3v and is 1.25v when v ddq = 2.5v. 21. test conditions shown in (a) of ac test loads unless otherwise noted. [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 22 of 31 timing diagrams read cycle timing [22] note: 22. on this diagram, when ce is low: ce 1 is low, ce 2 is high and ce 3 is low. when ce is high: ce 1 is high or ce 2 is low or ce 3 is high. t cyc t cl clk t adh t ads address t ch t ah t as a1 t ceh t ces data out (q) high-z t clz t doh t cdv t oehz t cdv single read burst read t oev t oelz t chz burst wraps around to its initial state t advh t advs t weh t wes t adh t ads q(a2) q(a2 + 1) q(a2 + 2) q(a1) q(a2) q(a2 + 1) q(a2 + 2) q(a2 + 3) a2 adv suspends burst deselect cycle don?t care undefined adsp adsc g w, bwe,bw x ce adv oe [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 23 of 31 write cycle timing [22, 23] note: 23. full width write can be initiated by either gw low; or by gw high, bwe low and bw x low. timing diagrams (continued) t cyc t cl clk t adh t ads address t ch t ah t as a1 t ceh t ces high-z burst read burst write d(a2) d(a2 + 1) d(a2 + 1) d(a1) d(a3) d(a3 + 1) d(a3 + 2) d(a2 + 3) a2 a3 extended burst write d(a2 + 2) single write t adh t ads t adh t ads t oehz t advh t advs t weh t wes t dh t ds t weh t wes byte write signals are ignored for first cycle when adsp initiates burst adsc extends burst adv suspends burst don?t care undefined adsp adsc bwe, bw x gw ce adv oe data in (d) d ata out (q) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 24 of 31 read/write cycle timing [22, 24, 25] notes: 24. the data bus (q) remains in high-z following a writ e cycle, unless a new read access is initiated by adsp or adsc . 25. gw is high. timing diagrams (continued) t cyc t cl clk t adh t ads address t ch t ah t as a2 t ceh t ces single write d(a3) a3 a4 burst read back-to-back reads high-z q(a2) q(a4) q(a4+1) q(a4+2) q(a4+3) t weh t wes t oehz t dh t ds t cdv t oelz a1 a5 a6 d(a5) d(a6) q(a1) back-to-back writes don?t care undefined adsp adsc bwe, bw x ce adv oe data in (d) d ata out (q) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 25 of 31 zz mode timing [26, 27] notes: 26. device must be deselected when entering zz mode. see cycle descr iptions table for all possible signal conditions to deselect the device. 27. dqs are in high-z when exiting zz sleep mode. timing diagrams (continued) t zz i supply clk zz t zzrec a ll inputs (except zz) don?t care i ddzz t zzi t rzzi outputs (q) high-z deselect or read only [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 26 of 31 ordering information not all of the speed, package and temperature ranges are available. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram part and package type operating range 133 cy7c1361c-133axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (3 chip enable) commercial cy7c1363c-133axc cy7c1361c-133ajxc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (2 chip enable) cy7c1363c-133ajxc cy7c1361c-133bgc 51-85115 119-ball ba ll grid array (14 x 22 x 2.4 mm) cy7c1363c-133bgc cy7c1361c-133bgxc 51-85115 119-ball ball gr id array (14 x 22 x 2.4 mm) lead-free cy7c1363c-133bgxc cy7c1361c-133bzc 51-85180 165- ball fine-pitch ball grid array (13 x 15 x 1.4 mm) CY7C1363C-133BZC cy7c1361c-133bzxc 51-85180 165-ba ll fine-pitch ball grid array (13 x 15 x 1.4 mm) lead-free cy7c1363c-133bzxc cy7c1361c-133axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (3 chip enable) lndustrial cy7c1363c-133axi cy7c1361c-133ajxi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (2 chip enable) cy7c1363c-133ajxi cy7c1361c-133bgi 51-85115 119-ball ba ll grid array (14 x 22 x 2.4 mm) cy7c1363c-133bgi cy7c1361c-133bgxi 51-85115 119-ball ball gr id array (14 x 22 x 2.4 mm) lead-free cy7c1363c-133bgxi cy7c1361c-133bzi 51-85180 165- ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1363c-133bzi cy7c1361c-133bzxi 51-85180 165-ba ll fine-pitch ball grid array (13 x 15 x 1.4 mm) lead-free cy7c1363c-133bzxi [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 27 of 31 100 cy7c1361c-100axc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (3 chip enable) commercial cy7c1363c-100axc cy7c1361c-100ajxc 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (2 chip enable) cy7c1363c-100ajxc cy7c1361c-100bgc 51-85115 119-ball ba ll grid array (14 x 22 x 2.4 mm) cy7c1363c-100bgc cy7c1361c-100bgxc 51-85115 119-ball ball gr id array (14 x 22 x 2.4 mm) lead-free cy7c1363c-100bgxc cy7c1361c-100bzc 51-85180 165- ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1363c-100bzc cy7c1361c-100bzxc 51-85180 165-ba ll fine-pitch ball grid array (13 x 15 x 1.4 mm) lead-free cy7c1363c-100bzxc cy7c1361c-100axi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (3 chip enable) lndustrial cy7c1363c-100axi cy7c1361c-100ajxi 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free (2 chip enable) cy7c1363c-100ajxi cy7c1361c-100bgi 51-85115 119-ball ba ll grid array (14 x 22 x 2.4 mm) cy7c1363c-100bgi cy7c1361c-100bgxi 51-85115 119-ball ball gr id array (14 x 22 x 2.4 mm) lead-free cy7c1363c-100bgxi cy7c1361c -100bzi 51-85180 1 65-ball fine-pitch ball grid array (13 x 15 x 1.4 mm) cy7c1363c-100bzi cy7c1361c-100bzxi 51-85180 165-ba ll fine-pitch ball grid array (13 x 15 x 1.4 mm) lead-free cy7c1363c-100bzxi 100 cy7c1361c-100axe 51-85050 100-pin thin quad flat pack (14 x 20 x 1.4 mm) lead-free automotive ordering information (continued) not all of the speed, package and temperature ranges are available. please contact your local sales representative or visit www.cypress.com for actual products offered. speed (mhz) ordering code package diagram part and package type operating range [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 28 of 31 package diagrams note: 1. jedec std ref ms-026 2. body length dimension does not include mold protrusion/end flash mold protrusion/end flash shall not exceed 0.0098 in (0.25 mm) per side 3. dimensions in millimeters body length dimensions are max plastic body size including mold mismatch 0.300.08 0.65 20.000.10 22.000.20 1.400.05 121 1.60 max. 0.05 min. 0.600.15 0 min. 0.25 0-7 (8x) stand-off r 0.08 min. typ. 0.20 max. 0.15 max. 0.20 max. r 0.08 min. 0.20 max. 14.000.10 16.000.20 0.10 see detail a detail a 1 100 30 31 50 51 80 81 gauge plane 1.00 ref. 0.20 min. seating plane 100-pin tqfp (14 x 20 x 1.4 mm) (51-85050) 51-85050-*b [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 29 of 31 package diagrams (continued) 1.27 20.32 2 16 5 4 37 l e a b d c h g f k j u p n m t r 12.00 19.50 30 typ. 2.40 max. a1 corner 0.70 ref. u t r p n m l k j h g f e d c a b 21 43 65 7 ?1.00(3x) ref. 7.62 22.000.20 14.000.20 1.27 6 00.10 c 0.15 c b a 0.15(4x) ?0.05 m c ?0.750.15(119x) ?0.25mcab seating plane 0.900.05 3.81 10.16 0.25 c 0.56 51-85115-*b 119-ball bga (14 x 22 x 2.4 mm) (51-85115) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 30 of 31 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. i486 is a trademark, and intel and pentium are registered tr ademarks of intel corporation. powerpc is a trademark of ibm corporation. all product and company names mentioned in th is document are the trademarks of their respective holders. package diagrams (continued) a 1 pin 1 corner 15.000.10 13.000.10 7.00 1.00 ?0.50 (165x) ?0.25mcab ?0.05 m c b a 0.15(4x) 0.350.06 seating plane 0.530.05 0.25 c 0.15 c pin1corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a a 15.000.10 13.000.10 b c 1.00 5.00 0.36 -0.06 +0.14 1.40 max. solder pad type : non-solder mask defined (nsmd) notes : package weight : 0.475g jedec reference : mo-216 / design 4.6c package code : bb0ac 51-85180-*a 165 fbga 13 x 15 x 1.40 mm bb165d/bw165d a 1 pin 1 corner 15.000.10 13.000.10 7.00 1.00 ?0.50 (165x) ?0.25 m c a b ?0.05 m c b a 0.15(4x) 0.350.06 seating plane 0.530.05 0.25 c 0.15 c pin 1 corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a a 15.000.10 13.000.10 b c 1.00 5.00 0.36 - 0.06 +0.14 1.40 max. solder pad type : non-solder mask defined (nsmd) notes : package weight : 0.475g jedec reference : mo-216 / design 4.6c package code : bb0ac 51-85180-*a 165-ball fbga (13 x 15 x 1.4 mm) (51-85180) [+] feedback
cy7c1361c cy7c1363c document #: 38-05541 rev. *f page 31 of 31 document history page document title: cy7c1361c/cy7c1363c 9-mbit (256k x 36/512k x 18) flow-through sram document number: 38-05541 rev. ecn no. issue date orig. of change description of change ** 241690 see ecn rkf new data sheet *a 278969 see ecn rkf changed boundary scan order to match the b rev of these devices. *b 332059 see ecn pci removed 117-mhz speed bin address expansion pins/balls in the pinouts for all packages are modified as per jedec standard added address expansion pins in the pin definitions table changed device width (23:18) for 119-bga from 000001 to 101001 added separate row for 165 -fbga device width (23:18) changed i ddzz from 35 ma to 50 ma changed i sb1 and i sb3 from 40 ma to 110 and 100 ma, respectively modified v ol, v oh test conditions corrected i sb4 test condition from (v in v dd ? 0.3v or v in 0.3v) to (v in v ih or v in v il ) in the electrical characteristics table changed ja and jc for tqfp package from 25 and 9 c/w to 29.41 and 6.13 c/w respectively changed ja and jc for bga package from 25 and 6c/w to 34.1 and 14.0 c/w respectively changed ja and jc for fbga package from 27 and 6 c/w to 16.8 and 3.0 c/w respectively added lead-free information for 100-pin tqfp, 119 bga and 165 fbga packages updated ordering information table *c 377095 see ecn pci changed i sb2 from 30 to 40 ma modified test condition in note# 14 from v ih < v dd to v ih < v dd *d 408298 see ecn rxu changed address of cypre ss semiconductor corporation on page# 1 from ?3901 north first street? to ?198 champion court? changed tri state to tri-state. modified ?input load? to ?input leak age current except zz and mode? in the electrical characteristics table. replaced package name column with package diagram in the ordering information table. updated the ordering information. *e 433033 see ecn nxr included automotive range. *f 501793 see ecn vkn added the maximum rating for supply voltage on v ddq relative to gnd changed t th , t tl from 25 ns to 20 ns and t tdov from 5 ns to 10 ns in tap ac switching characteristics table. updated the ordering information table. [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1363C-133BZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X